Part Number Hot Search : 
74155 3331K000 IRFU9110 UTV00 3362X504 C74AC F494B 3003BR
Product Description
Full Text Search
 

To Download HM6216255HSERIES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HM6216255H Series
262114-word x 16-bit High Speed CMOS Static RAM
ADE-203-763(Z) Preliminary Rev. 0.0 Mar. 27, 1997 Description
The HM6216255H Series is an asynchronous high speed static RAM organized as 256-k word x 16-bit. It has realized high speed access time by employing CMOS process and high speed circuit designing technology. It is most appropriate for the application which requires high speed, high density memory and wide bit width configuration, such as cache and buffer memory in system. It is packaged in 400-mil 44-pin plastic SOJ.
Features
* Single 5.0 Vsupply : 5.0 V 10 % * Access time: 10 ns/12 ns/15 ns (max) * Completely static memory No clock or timing strobe required * Equal access and cycle times * Directly TTL compatible All inputs and outputs * Center VCC and VSS type pinout
Ordering Information
Type No. HM6216255HJP-10 HM6216255HJP-12 HM6216255HJP-15 HM6216255HLJP-10 HM6216255HLJP-12 HM6216255HLJP-15 Access time 10 ns 12 ns 15 ns 10 ns 12 ns 15 ns Package 400-mil 44-pin plastic SOJ (CP-44D)
Preliminary: The specifications of this device are subject to change without notice. Please contact to your nearest Hitachi's sales Dept. regarding specifications.
HM6216255H Series
Pin Arrangement
HM6216255HJP/HLJP Series
A0 A1 A2 A3 A4 CS I/O1 I/O2 I/O3 I/O4 VCC VSS I/O5 I/O6 I/O7 I/O8 WE A5 A6 A7 A8 A9 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A17 A16 A15 OE UB LB I/O16 I/O15 I/O14 I/O13 VSS VCC I/O12 I/O11 I/O10 I/O9 NC A14 A13 A12 A11 A10
(Top View)
Pin Description
Pin name A0 - A17 I/O1 - I/O16 CS OE WE UB LB VCC VSS NC Function Address input Data input/output Chip select Output enable Write enable Upper byte select Lower byte select Power supply Ground No connection
2
HM6216255H Series
Block Diagram
(LSB) A0 A1 A2 A3 A4 A5 A6 A7 VCC Row decoder Memory matrix 256 rows x 1024 columns x 16 bit (4,194,304 bits) VSS
(MSB)
CS I/O1 . . . I/O8 I/O9 . . . I/O16 WE CS LB UB Column I/O Input data control Column decoder CS
A17 A16 A15 A14 A13 A12 A11 A10 A9 A8
OE
CS
Function Table
CS H L L L L L L L L L Note: OE x H L L L L x x x x WE x H H H H H L L L L x: H or L LB x x L L H H L L H H UB x x L H L H L H L H Mode Standby Output disable Read VCC current ISB , ISB1 ICC ICC I/O1-I/O8 High-Z High-Z Output Output High-Z High-Z Input Input High-Z High-Z I/O9-I/O16 High-Z High-Z Output High-Z Output High-Z Input High-Z Input High-Z Ref. cycle -- -- Read cycle Read cycle Read cycle -- Write cycle Write cycle Write cycle --
Lower byte read ICC Upper byte read ICC -- Write ICC ICC
Lower byte write ICC Upper byte write ICC -- ICC
3
HM6216255H Series
Absolute Maximum Ratings
Parameter Supply voltage relative to VSS Voltage on any pin relative to VSS Power dissipation Operating temperature Storage temperature Storage temperature under bias Symbol VCC VT PT Topr Tstg Tbias Value -0.5 to +7.0 -0.5* to VCC + 0.5 1.0* /1.5* 0 to +70 -55 to +125 -10 to +85
2 3 1
Unit V V W C C C
Notes: 1. VT (min) = -2.5 V for pulse width (under shoot) 10 ns 2. At still air condition 3. At air flow 1.0 m/s
Recommended DC Operating Conditions (Ta = 0 to +70C)
Parameter Supply voltage Symbol VCC* VSS * Input voltage VIH VIL
2 3
Min 4.5 0 2.2 -0.5*
1
Typ 5.0 0 -- --
Max 5.5 0 VCC + 0.5 0.8
Unit V V V V
Notes: 1. -2.0 V for pulse width (under shoot) 10 ns 2. The supply voltage with all VCC pins must be on the same level. 3. The supply voltage with all VSS pins must be on the same level.
4
HM6216255H Series
DC Characteristics (Ta = 0 to +70C, VCC = 5.0 V 10 %, VSS = 0 V)
Parameter Input leakage current Output leakage current*1 Operating power supply current Symbol Min |ILI| |ILO | 10 ns cycle ICC 12 ns cycle ICC 15 ns cycle ICC Standby power supply current 10 ns cycle ISB 12 ns cycle ISB 15 ns cycle ISB ISB1 -- -- -- -- -- -- -- -- -- Typ*1 -- -- -- -- -- -- -- -- -- Max 2 2 300 270 250 100 100 100 10 mA VCC CS VCC - 0.2 V, (1) 0 V Vin 0.2 V or (2) VCC Vin VCC - 0.2 V mA CS = VIH, Other inputs = VIH/VIL Unit Test conditions A A mA Vin = VSS to VCC Vin = VSS to VCC CS = VIL, Iout = 0 mA Other inputs = VIH/VIL
--*2 Output voltage VOL VOH Note: -- 2.4
--*2 -- --
1.0 *2 0.4 -- V V IOL = 8 mA IOH = -4 mA
1. Typical values are at VCC = 5.0 V, Ta = +25C and not guaranteed. 2. This characteristics is guaranteed only for L-version.
Capacitance (Ta = 25C, f = 1.0 MHz)
Parameter Input capacitance*
1 1
Symbol Cin CI/O
Min -- --
Typ -- --
Max 6 8
Unit pF pF
Test conditions Vin = 0 V VI/O = 0 V
Input/output capacitance* Note:
1. This parameter is sampled and not 100% tested.
5
HM6216255H Series
AC Characteristics (Ta = 0 to +70C, VCC = 5.0 V 10 %, unless otherwise noted.)
Test Conditions * * * * Input pulse levels: 3.0 V/0.0 V Input rise and fall time: 3 ns Input and output timing reference levels: 1.5 V Output load: See figures (Including scope and jig)
5V 5V
480 Dout 255 30 pF Dout 255
480
5 pF
Output load (A)
Output load (B) (for tCLZ, tOLZ, tLBLZ, tUBLZ, tCHZ, tOHZ, tLBHZ, tUBHZ, tWHZ, and tOW)
Read Cycle
HM6216255H -10 Parameter Read cycle time Address access time Chip select access time Output enable to output valid Byte select to output valid Output hold from address change Chip select to output in low-Z Output enable to output in low-Z Byte select to output in low-Z Chip deselect to output in high-Z Output disable to output in high-Z Byte deselect to output in high-Z Symbol tRC tAA tACS tOE tLB, tUB tOH tCLZ tOLZ tLBLZ, tUBLZ tCHZ tOHZ tLBHZ, tUBHZ Min 10 -- -- -- -- 3 3 0 0 -- -- -- Max -- 10 10 5 5 -- -- -- -- 5 5 5 -12 Min 12 -- -- -- -- 3 3 0 0 -- -- -- Max -- 12 12 6 6 -- -- -- -- 6 6 6 -15 Min 15 -- -- -- -- 3 3 0 0 -- -- -- Max -- 15 15 8 8 -- -- -- -- 8 8 8 Unit ns ns ns ns ns ns ns ns ns ns ns ns 1 1 1 1 1 1 Notes
6
HM6216255H Series
Write Cycle
HM6216255H -10 Parameter Write cycle time Address valid to end of write Chip select to end of write Write pulse width Byte select to end of write Address setup time Write recovery time Data to write time overlap Data hold from write time Write disable to output in low-Z Output disable to output in high-Z Write enable to output in high-Z Symbol tWC tAW tCW tWP tLBW, tUBW tAS tWR tDW tDH tOW tOHZ tWHZ Min 10 6 6 6 6 0 0 5 0 3 -- -- Max -- -- -- -- -- -- -- -- -- -- 5 5 -12 Min 12 8 8 8 8 0 0 6 0 3 -- -- Max -- -- -- -- -- -- -- -- -- -- 6 6 -15 Min 15 10 10 10 10 0 0 8 0 3 -- -- Max -- -- -- -- -- -- -- -- -- -- 8 8 Unit ns ns ns ns ns ns ns ns ns ns ns ns 1 1 1 8 7 9, 10 5 6 Notes
Notes: 1. Transition is measured 200 mV from steady voltage with Load (B). This parameter is sampled and not 100% tested. 2. If the CS or LB or UB low transition occurs simultaneously with the WE low transition or after the WE transition, output remains a high impedance state. 3. WE and/or CS must be high during address transition time. 4. If CS, OE, LB and UB are low during this period, I/O pins are in the output state. Then the data input signals of opposite phase to the outputs must not be applied to them. 5. tAS is measured from the latest address transition to the latest of CS, WE, LB or UB going low. 6. tWR is measured from the earliest of CS, WE, LB or UB going high to the first address transition. 7. A write occurs during the overlap of low CS, low WE and low LB or low UB. 8. tCW is measured from the later of CS going low to the end of write. 9. tLBW is measured from the later of LB going low to the end of write. 10. tUBW is measured from the later of UB going low to the end of write.
7
HM6216255H Series
Timing Waveforms
Read Timing Waveform (1) (WE = VIH)
t RC Address tAA tACS CS tOE OE tLB LB tLBHZ 1 * tOHZ *1 tCHZ *1 Valid address
tUB UB tLBLZ *1 Dout (Lower byte) High Impedance *4 tUBLZ *1 tOLZ *1 tCLZ *1 High Impedance *4 Valid data
tUBHZ1 * *4 tOH
Dout (Upper byte)
Valid data
*4
8
HM6216255H Series
Read Timing Waveform (2) (WE = VIH, LB = VIL , UB, = VIL)
tRC
Address
Valid address tAA tACS tOH tCHZ*1
CS tOE OE tOLZ*1 tCLZ *1 Dout (Lower/Upper byte) High Impedance *4 Valid data *4 tOHZ*1
9
HM6216255H Series
Write Timing Waveform (1) (LB, UB Controlled)
tWC Address tAW tAS tWP WE*3 tCW CS*3 Valid address tWR
OE tLBW LB tUBW UB tWHZ tOHZ High impedance tOLZ tOW
Dout (Lower byte)
Dout (Upper byte)
High impedance tDW tDH Valid data tDW tDH Valid data
Din (Lower byte)
Din (Upper byte)
10
HM6216255H Series
Write Timing Waveform (2) (WE Controlled)
tWC Address tAW tAS WE*3 tCW CS*3 tWP Valid address tWR
OE tLBW LB, UB tWHZ tOHZ Dout (Lower/Upper byte) High impedance *2 tOLZ tOW tUBW
tDW
tDH Valid data
Din (Lower/Upper byte)
11
HM6216255H Series
Write Timing Waveform (3) (CS Controlled)
tWC Address Valid address tAW tAS tWP tWR
WE *3 tCW CS *3
OE tLBW LB, UB tWHZ tOHZ Dout (Lower/Upper byte) High impedance * *2
4
tUBW
tOLZ tOW
tDW
tDH Valid data
Din (Lower/Upper byte)
12
HM6216255H Series
Low VCC Data Retention Characteristics (Ta = 0 to +70C)
This characteristics is guaranteed only for L-version.
Parameter VCC for data retention Symbol VDR Min 2.0 Typ*1 Max -- -- Unit V Test conditions VCC CS VCC - 0.2 V, (1) 0 V Vin 0.2 V or (2) VCC Vin VCC - 0.2 V VCC = 3 V VCC CS VCC - 0.2 V, (1) 0 V Vin 0.2 V or (2) VCC Vin VCC - 0.2 V See retention waveform
Data retention current
ICCDR
--
2
300
A
Chip deselect to data retention time Operation recovery time Note:
tCDR tR
0 5
-- --
-- --
ns ms
1. Typical values are at VCC = 3.0 V, Ta = 25C, and not guaranteed.
Low V CC Data Retention Timing Waveform
t CDR V CC 3.0 V V DR 2.2 V CS 0V VCC CS VCC - 0.2 V Data retention mode tR
13
HM6216255H Series
Package Dimensions
HM6216255HJP/HLJP Series (CP-44D) Unit: mm
28.33 28.90 Max 44 23 10.16 0.13 0.74 1.30 Max 3.50 0.26 1 22 11.18 0.13
0.80 +0.25 -0.17
0.43 0.10 0.41 0.08
1.27
9.40 0.25
Hitachi Code JEDEC Code EIAJ Code Weight CP-44D MO-061-AE -- 1.8 g
0.10
14
2.65 0.12
HM6216255H Series
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
Hitachi, Ltd.
Semiconductor & IC Div. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109 For further information write to: Hitachi America, Ltd. Semiconductor & IC Div. 2000 Sierra Point Parkway Brisbane, CA. 94005-1835 USA Tel: 415-589-8300 Fax: 415-583-4207
Hitachi Europe GmbH Electronic Components Group Continental Europe Dornacher Strae 3 D-85622 Feldkirchen Munchen Tel: 089-9 91 80-0 Fax: 089-9 29 30 00
Hitachi Europe Ltd. Electronic Components Div. Northern Europe Headquarters Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA United Kingdom Tel: 0628-585000 Fax: 0628-778322
Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 0104 Tel: 535-2100 Fax: 535-1533 Hitachi Asia (Hong Kong) Ltd. Unit 706, North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon Hong Kong Tel: 27359218 Fax: 27306071
15
HM6216255H Series
Revision Record
Rev. 0.0 Date Mar. 27, 1997 Contents of Modification Initial issue Drawn by Approved by
16


▲Up To Search▲   

 
Price & Availability of HM6216255HSERIES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X